PART |
Description |
Maker |
ISL6561 ISL6561CR |
PWM Controller, 2-4 Phase, 6-Bit VID, Precision RDS(on), Reg ?.5% Multi-Phase PWM Controller with Precision Rds(on) or DCR Differential Current Sensing for VR10.X Application
|
INTERSIL[Intersil Corporation]
|
ISL6223EVA ISL6223 ISL6223CA- ISL6263 ISL6223EVAL2 |
Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller PWM Controller, 2 Phase, 5-Bit VID Input, 1.30V to 2.00V in 50mV Steps, ?% Reg, Supply Voltage 5V
|
INTERSIL[Intersil Corporation]
|
ISL6322GCRZ ISL6322GIRZ ISL6322GCRZ-T |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface and Phase Dropping Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping; Temperature Range: 0°C to 70°C; Package: 48-QFN T&R DUAL SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PQCC48
|
Intersil Corporation Intersil, Corp.
|
ISL6554CB ISL6554CB-T ISL6554CBZ ISL6554CBZA ISL65 |
PWM Controller with Wide Input Range 8-PDIP 微处理器核心电压调节器的多相降压PWM控制没有可编程德鲁普 Microprocessor CORE Voltage Regulator Using Multi-Phase Buck PWM Control Without Programmable Droop SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PDSO20
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
RT8876A |
Dual Channel PWM Controller with 3/2/1 Phase for CORE VR and Single Phase for AXG VR
|
Richtek Technology Corporation
|
ISL6364 ISL6364CRZ ISL6364IRZ ISL6610 ISL6610A ISL |
Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
|
Intersil Corporation
|
ISL6322GIRZ |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping
|
Renesas Electronics Corporation
|
MAX1858EEG MAX1858 |
Dual 180 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR Dual 180° Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR Dual 180∑ Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR From old datasheet system
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
ISL6334CIRZ ISL6334CCRZ ISL6334BCRZ ISL6334CCRZ-T |
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features; Temperature Range: 0°C to 70°C; Package: 40-QFN T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC40 VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features; Temperature Range: -40°C to 85°C; Package: 40-QFN T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC40
|
Intersil Corporation Intersil, Corp.
|
ISL6559CB ISL6559CB-T ISL6559CBZ ISL6559CBZ-T ISL6 |
Multi-Phase PWM Controller
|
Renesas Electronics Corporation
|
UP6111BQHC UP6111AQED UP6111AQDD |
Single Phase PWM Controller
|
uPI Semiconductor
|